|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0508029101 Active 2.50mm (.098") Pitch Crimp Terminal, Female, Brass, Bag Documents: 3D Model Drawing (PDF) Product Specification PS-51191-002 (PDF) Product Specification PS-51191-003 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Crimp Quality Equipment MolexKits Product Name Crimp Terminals 50802 Yes Yes N/A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Brass Tin Tin Bag 35 0.88 35 0.88 Crimp or Compression 1.15-1.90mm (.045-.075") 22, 24, 26, 28 N/A Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-51191-002, PS-51191-003, RPS-51191-006, RPS-51191-007 SD-50802-002 Search Parts in this Series 50802Series Mates With 5241 Use With 51191 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638115200 Japan Description Product # Hand Crimp Tool 0011260095 JHTR5907 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0508029101 |